công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8976GEFL/V bảng dữ liệu(PDF) 73 Page - Wolfson Microelectronics plc

tên linh kiện WM8976GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V bảng dữ liệu(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
GPIO1SEL
000
CSB/GPIO1 pin function select:
000= input (CSB/jack detection:
depending on MODE setting)
001= reserved
010=Temp ok
011=Amute active
100=PLL clk o/p
101=PLL lock
110=logic 0
111=logic 1
3
GPIO1POL
0
GPIO1 Polarity invert
0=Non inverted
1=Inverted
R8
GPIO
Control
5:4
OPCLKDIV
00
PLL Output clock division ratio
00=divide by 1
01=divide by 2
10=divide by 3
11=divide by 4
Table 61 CSB/GPIO Control
Note: If MODE is set to 3 wire mode, CSB/GPIO1 shall be used as CSB input irrespective of the
GPIO1SEL[2:] bits.
Note that SLOWCLKEN must be enabled when using the Jack Detect function.
For further details of the Jack detect operation see the OUTPUT SWITCHING section.
OUTPUT SWITCHING (JACK DETECT)
When the device is operated using a 2-wire interface the CSB/GPIO1 pin can be used as a switch
control input to automatically disable one set of outputs and enable another the most common use
for this functionality is as jack detect circuitry. The L2/GPIO2 and R2/GPIO3 pins can also be used
for this purpose.
The GPIO pins have an internal de-bounce circuit when in this mode in order to prevent the output
enables from toggling multiple times due to input glitches. This de-bounce circuit is clocked from a
slow clock with period 2
21 x MCLK and is enabled by the SLOWCLKEN bit.
Notes:
1.
The SLOWCLKEN bit must be enabled for the jack detect circuitry to operate.
2.
The GPIOPOL bit is not relevant for jack detection, it is the signal detected at the pin which is
used
Switching on/off of the outputs is fully configurable by the user. Each output, OUT1, OUT2, OUT3
and OUT4 has 2 associated enables. OUT1_EN_0, OUT2_EN_0, OUT3_EN_0 and OUT4_EN_0
are the output enable signals which are used if the selected jack detection pin is at logic 0 (after de-
bounce). OUT1_EN_1, OUT2_EN_1, OUT3_EN_1 and OUT4_EN_1 are the output enable signals
which are used if the selected jack detection pin is at logic 1 (after de-bounce).
The jack detection enables operate as follows:
All OUT_EN signals have an AND function performed with their normal enable signals (in Table 49).
When an output is normally enabled as per Table 49 the selected jack detection enable (controlled
by selected jack detection pin polarity) is set 0; it will turn the output off. If the normal enable signal is
already OFF (0), the jack detection signal will have no effect due to the AND function.
During jack detection if the user desires an output to be un-changed whether the jack is in or not,
both the JD_EN settings i.e. JD_EN0 and JD_EN1, should be set to 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com