công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8976GEFL/V bảng dữ liệu(PDF) 66 Page - Wolfson Microelectronics plc

tên linh kiện WM8976GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V bảng dữ liệu(HTML) 66 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
66
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
DACMONO
0
Selects between stereo and mono DAC
operation:
0=Stereo device operation
1=Mono device operation. DAC data
appears in ‘left’ phase of LRC
1
ADCLRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=ADC data appear in ‘left’ phase of
LRC
1=ADC data appears in ‘right’ phase of
LRC
2
DACLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of LRC clock:
0=DAC data appear in ‘left’ phase of
LRC
1=DAC data appears in ‘right’ phase of
LRC
4:3
FMT
10
Audio interface Data Format Select:
00=Right Justified
01=Left Justified
10=I
2S format
11= DSP/PCM mode
6:5
WL
10
Word length
00=16 bits
01=20 bits
10=24 bits
11=32 bits (see note)
7
LRP
LRC clock polarity
0=normal
1=inverted
R4
Audio
Interface
Control
8
BCP
BCLK polarity
0=normal
1=inverted
Table 53 Audio Interface Control
Note: Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected,
the device will operate in 24-bit mode.
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below. The audio interfaces can be controlled individually.
Register bit MS selects audio interface operation in master or slave mode. In Master mode BCLK,
and LRC are outputs. The frequency of BCLK in master mode are controlled with BCLKDIV. These
are divided down versions of master clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com