công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8976GEFL/V bảng dữ liệu(PDF) 44 Page - Wolfson Microelectronics plc

tên linh kiện WM8976GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V bảng dữ liệu(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
WM8976
Pre-Production
w
PP Rev 3.0 April 2006
44
Figure 19 DAC Digital Limiter Operation
The limiter has a programmable upper threshold which is close to 0dB. Referring to Figure 19, in
normal operation (LIMBOOST=000 => limit only) signals below this threshold are unaffected by the
limiter.
Signals above the upper threshold are attenuated at a specific attack rate (set by the
LIMATK register bits) until the signal falls below the threshold. The limiter also has a lower threshold
1dB below the upper threshold.
When the signal falls below the lower threshold the signal is
amplified at a specific decay rate (controlled by LIMDCY register bits) until a gain of 0dB is reached.
Both threshold levels are controlled by the LIMLVL register bits. The upper threshold is 0.5dB above
the value programmed by LIMLVL and the lower threshold is 0.5dB below the LIMLVL value.
VOLUME BOOST
The limiter has programmable upper gain which boosts signals below the threshold to compress the
dynamic range of the signal and increase its perceived loudness. This operates as an ALC function
with limited boost capability. The volume boost is from 0dB to +12dB in 1dB steps, controlled by the
LIMBOOST register bits.
The output limiter volume boost can also be used as a stand alone digital gain boost when the limiter
is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com