công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8976GEFL/V bảng dữ liệu(PDF) 61 Page - Wolfson Microelectronics plc

tên linh kiện WM8976GEFL/V
Giải thích chi tiết về linh kiện  Stereo CODEC With Speaker Driver
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976GEFL/V bảng dữ liệu(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8976GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8976GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
Pre-Production
WM8976
w
PP Rev 3.0 April 2006
61
ENABLING THE OUTPUTS
Each analogue output of the WM8976 can be separately enabled or disabled. The analogue mixer
associated with each output has a separate enable. All outputs are disabled by default. To save
power, unused parts of the WM8976 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0) or when BUFDCOP is disabled (BUFDCOPEN=0) when configured in output boost
mode, as this may cause pop noise (see “Power Management” and “Applications Information”
sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
BUFIOEN
0
Unused input/output tie off buffer enable
6
OUT3MIXEN
0
OUT3 mixer enable
7
OUT4MIXEN
0
OUT4 mixer enable
R1
Power
Management
1
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver enable
8
ROUT1EN
0
ROUT1 output enable
7
LOUT1EN
0
LOUT1 output enable
R2
Power
Management
2
6
SLEEP
0
0 = normal device operation
1 = residual current reduced in device
standby mode if clocks still running
2
LMIXEN
0
Left mixer enable
3
RMIXEN
0
Right mixer enable
5
ROUT2EN
0
ROUT2 output enable
6
LOUT2EN
0
LOUT2 output enable
7
OUT3EN
0
OUT3 enable
R3
Power
Management
3
8
OUT4EN
0
OUT4 enable
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 49 Output Stages Power Management Control
THERMAL SHUTDOWN
The speaker outputs can drive very large currents. To protect the WM8976 from overheating a
thermal shutdown circuit is included. If the device temperature reaches approximately 125
0C and the
thermal shutdown circuit is enabled (TSDEN=1) then the speaker amplifiers will be disabled if
TSDEN is set. The thermal shutdown may also be configured to generate an interrupt. See the GPIO
and Interrupt Controller section for details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output
control
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 50 Thermal Shutdown
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to a voltage source (either
AVDD/2 or 1.5xAVDD/2 as appropriate) through a resistor. This helps to prevent pop noise when the
output is re-enabled. The resistance between the voltage buffer and the output pins can be
controlled using the VROI control bit. The default impedance is low, so that any capacitors on the
outputs can charge up quickly at start-up. If a high impedance is desired for disabled outputs, VROI
can then be set to 1, increasing the resistance to about 30k
Ω.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
0
VROI
0
VREF (AVDD/2 or 1.5xAVDD/2) to
analogue output resistance
0: approx 1k
Ω
1: approx 30 k
Ω
Table 51 Disabled Outputs to VREF Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com