| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GV2AP02 bảng dữ liệu(PDF) 46 Page - Schneider Electric |
|
|
|||||||||||||||||||||||||||||
GV2AP02 bảng dữ liệu(HTML) 46 Page - Schneider Electric |
|
46 / 48 page ![]() 45 Dimensions (continued) Variable speed drives Altivar Machine ATV320 Line chokes, Motor chokes, Braking resistors, Additional EMC input filters Presentation: page 4 Variable speed drives: page 12 Combinations: page 22 Line chokes Line chokes W x H x D mm in. VW3A4551 100 x 135 x 60 3.94 x 5.31 x 2.36 VW3A4552 130 x 155 x 90 5.11 x 6.10 x 3.54 VW3A4553 130 x 155 x 90 5.11 x 6.10 x 3.54 VW3A4554 155 x 170 x 135 5.90 x 6.69 x 5.31 VW3A4555 180 x 210 x 160 7.09 x 8.27 x 6.30 VZ1L007UM50 60 x 100 x 95 2.36 x 9.94 x 3.74 VZ1L018UM20 85 x 120 x 105 3.35 x 4.72 x 4.13 Motor chokes Motor chokes W x H x D mm in. VW3A4552 130 x 155 x 90 5.11 x 6.10 x 3.54 VW3A4553 130 x 155 x 90 5.11 x 6.10 x 3.54 VW3A4554 155 x 170 x 135 5.90 x 6.69 x 5.31 VW3A4555 180 x 210 x 160 7.09 x 8.27 x 6.30 VW3A4556 270 x 210 x 180 10.6 x 8.27 x 7.09 Braking resistors Braking resistors W x H x D mm in. VW3A7603R07 VW3A7603R30 251 x 204 x 15.5 9.88 x 8.03 x 0.61 VW3A7604R07 VW3A7604R30 257 x 204 x 30 10.11 x 8.03 x 1.18 VW3A7605R07 VW3A7605R30 145 x 98 x 15.5 5.70 x 3.85 x 0.61 VW3A7606R07 VW3A7606R30 251 x 204 x 15.5 9.88 x 8.03 x 0.61 VW3A7608R07 VW3A7608R30 145 x 98 x 15.5 5.70 x 3.85 x 0.61 VW3A7730 105 x 295 x 100 4.13 x 11.61 x 3.94 VW3A7731 105 x 345 x 100 4.13 x 13.58 x 3.94 VW3A7732 175 x 345 x 100 6.89 x 13.58 x 3.94 VW3A7733 190 x 570 x 180 7.48 x 22.44 x 7.09 VW3A7734 250 x 490 x 180 9.84 x 19.29 x 7.09 VW3A7735 250 x 490 x 180 9.84 x 19.29 x 7.09 VW3A7736 485 x 410 x 485 19.09 x 16.14 x 19.09 Additional EMC input filters EMC filters W x H x D mm in. VW3A31401 72 x 195 x 37 2.82 x 7.63 x 1.45 VW3A31402 72 x 195 x 37 2.82 x 7.63 x 1.45 VW3A31403 107 x 195 x 35 4.2 x 7.63 x 1.37 VW3A31404 107 x 195 x 42 4.2 x 7.63 x 1.65 VW3A31405 140 x 235 x 35 5.48 x 9.2 x 1.37 VW3A31406 140 x 235 x 50 5.48 x 9.2 x 1.96 VW3A31407 180 x 305 x 60 7.09 x 12.01 x 2.36 VW3A31408 245 x 395 x 80 9.65 x 15.55 x 3.15 VW3A4420 72 x 195 x 37 2.82 x 7.63 x 1.45 VW3A4421 107 x 195 x 35 4.2 x 7.63 x 1.37 VW3A4422 107 x 195 x 42 4.2 x 7.63 x 1.65 VW3A4424 180 x 305 x 60 7.05 x 11.94 x 2.35 VW3A4425 245 x 395 x 60 9.59 x 15.46 x 2.35 VW3A4426 140 x 235 x 35 5.48 x 9.2 x 1.37 |