công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9033Q bảng dữ liệu(PDF) 72 Page - ESS Technology,Inc

tên linh kiện ES9033Q
Giải thích chi tiết về linh kiện  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q bảng dữ liệu(HTML) 72 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 68Page - ESS Technology,Inc ES9033Q Datasheet HTML 69Page - ESS Technology,Inc ES9033Q Datasheet HTML 70Page - ESS Technology,Inc ES9033Q Datasheet HTML 71Page - ESS Technology,Inc ES9033Q Datasheet HTML 72Page - ESS Technology,Inc ES9033Q Datasheet HTML 73Page - ESS Technology,Inc ES9033Q Datasheet HTML 74Page - ESS Technology,Inc ES9033Q Datasheet HTML 75Page - ESS Technology,Inc ES9033Q Datasheet HTML 76Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 103 page
background image
a
0.3.1
ES9033 Datasheet Information
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
72
Register 54: DATAPATH CONTROL
Bits
[7:2]
[1]
[0]
Default
6’d0
1’b0
1’b0
Bits
Mnemonic
Description
[7:2]
RESERVED
NA
[1]
BYPASS_FIR4X
Bypass of the FIR 4x oversampling filter.
•
1’b0: Normal Operation (default)
•
1’b1: Bypass FIR 4x oversampling filter
[0]
BYPASS_FIR2X
Bypass of the FIR 2x oversampling filter.
•
1’b0: Normal Operation (default)
•
1’b1: Bypass FIR 2x oversampling filter
Register 56-55: THD COMP C2 CH1
Bits
[15:0]
Default
16’d360
Bits
Mnemonic
Description
[15:0]
THD_C2_CH1
A 16-bit signed coefficient for correcting for the CH1 second
harmonic distortion.
������������������������������������ = ������ + ������2 ∗ ������2 + ������3 ∗ ������3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More