công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9033Q bảng dữ liệu(PDF) 69 Page - ESS Technology,Inc

tên linh kiện ES9033Q
Giải thích chi tiết về linh kiện  32-bit High-Performance 2-Channel DAC with Line Drivers
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9033Q bảng dữ liệu(HTML) 69 Page - ESS Technology,Inc

Back Button ES9033Q Datasheet HTML 65Page - ESS Technology,Inc ES9033Q Datasheet HTML 66Page - ESS Technology,Inc ES9033Q Datasheet HTML 67Page - ESS Technology,Inc ES9033Q Datasheet HTML 68Page - ESS Technology,Inc ES9033Q Datasheet HTML 69Page - ESS Technology,Inc ES9033Q Datasheet HTML 70Page - ESS Technology,Inc ES9033Q Datasheet HTML 71Page - ESS Technology,Inc ES9033Q Datasheet HTML 72Page - ESS Technology,Inc ES9033Q Datasheet HTML 73Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
0.3.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800
ES9033 Datasheet Information
69
Register 50: DAC VOL DOWN RATE FAST
Bits
[7:0]
Default
8’d0
Bits
Mnemonic
Description
[7:0]
DAC_VOL_RATE_FAST
Value by which the old VOLUME value is incremented to
reach the new VOLUME value
Valid from 8’d0 (instant) to 8’d255 (fastest), where 8’d0
instantly changes the VOLUME value
Only used during abnormal mute (PLL unlock or BCK_WS
ratio failed)
Calculation of time ramp rate(in seconds):
•
8’d0: Instant change
•
8’d150: Default
•
8’d255: Fastest change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More