| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT3624LE bảng dữ liệu(PDF) 32 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT3624LE bảng dữ liệu(HTML) 32 Page - Richtek Technology Corporation |
|
32 / 48 page ![]() RT3624LE Copyright © 2022 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation www.richtek.com DS3624LE-00 April 2022 32 Zero Load-line The RT3624LE also can support enable zero load-line function. When zero load-line function is enabled, the output voltage is determined only by VID and does not vary with the loading current like load-line system behavior. The RT3624LE adopts AC-droop to effectively suppress load transient ring back and control overshoot for zero load-line application. Figure 7 shows the condition without AC-droop control. The output voltage without AC-droop control has extra ring back ∆V2 due to C area charge. Figure 8 shows the condition with AC-droop control. While loading occurs, controller changes VID target to short-term voltage target temporarily. Short-term voltage target is related to transient loading current ∆I CC and can be represented as the following : Short_Term_Voltage_Target=VID- ∆I CC×RLL The setting method of RLL is the same as load-line system. The short-term voltage target reverts to VID target slowly after a period of time. The short-term voltage target can help inductor current not to exceed loading current too much and then the ring back ∆V2 can be suppressed. The overshoot amplitude is reduced to only ∆V3. A Loading Current ΔIcc Inductor current VID Target Output Voltage ΔV1 D ΔV3 B C ΔV2 Figure 7. Zero Load-line without AC-droop Control |