| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17062 bảng dữ liệu(PDF) 165 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 bảng dữ liệu(HTML) 165 Page - Renesas Technology Corp |
|
165 / 298 page ![]() 163 µPD17062 Example HLTINT DAT 1000B ; Defines a symbol. START: ; Address 0000H BR MAIN ; NOP INTTM: ; Timer interrupt vector address (0003H) BR INTTIMER ; Branches to INTTIMER (interrupt handling). INT0: ; INTNC pin interrupt vector address (0004H) Process A ; Interrupt requested at the INTNC pin EI RETI INTTIMER: Process B ; Timer interrupt handling EI RETI MAIN: SET2 IPBTM0, IPNC ; Built-in macro ; Enables INTNC pin and timer interrupts. SET1 BTM0CK2 ; Built-in macro LOOP: ; Specifies the timer interrupt time interval as 5 ms. Process C ; Main routine processing EI ; Enables all interrupts. HALT HLTINT ; Specifies an interrupt as a halt release condition. ; # BR LOOP This sample program releases the halt state and performs process B when a timer interrupt request is accepted. When an interrupt request at the INTNC pin is issued, the program performs process A. It also performs process C each time the halt state is released. If an INTNC pin interrupt is requested exactly at the same time with a timer interrupt during the halt state, the program performs process A for the INTNC pin interrupt, which has a higher hardware priority than the timer interrupt. When a RETI instruction is executed upon completion of process A, program control is returned to the BR LOOP instruction at #, but this instruction will not be executed. Instead, the timer interrupt request is accepted immediately. The BR LOOP instruction is executed only after a RETI is executed upon completion of process B (timer interrupt handling). |