| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17062 bảng dữ liệu(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 bảng dữ liệu(HTML) 45 Page - Renesas Technology Corp |
|
45 / 298 page ![]() 43 µPD17062 Example 1. When BANK0 is selected AND RPL, #0001B ; RP ← 0000000B; The general-purpose register is allocated in row ; address 0H in BANK0. ADD 04H, 56H ; Executing the above instruction adds the contents of address 04H of BANK0, part of the general-purpose register, to the contents of data memory address 56H, then stores the result into address 04H of the general- purpose register. See Fig. 6-2. Fig. 6-2 Execution of Instructions in Example 1 0 1 2 3 45 6 789 A B C D E F 0 2 3 4 5 6 7 1 M RP 0000000B BANK0 ADD 04H, 56H System register Column address General-purpose register |