| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17062 bảng dữ liệu(PDF) 132 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 bảng dữ liệu(HTML) 132 Page - Renesas Technology Corp |
|
132 / 298 page ![]() 130 µPD17062 11.9.3 Interrupt Level Restriction by Address Stack Register The return address at control return from interrupt processing is automatically saved in the address stack register. The address stack register can use the six levels from ASR0 to ASR5 as described in Chapter 4. Because the interrupt sources are the INTNC pin, timer, VSYNC pin, and serial interface, the multiple interrupt level is unlimited when the address stack register is used only for interrupts. However, because the address stack register is also used to save the return address at subroutine calling, multiple interrupt levels are limited according to the levels of the address stack register used for subroutine calling. For example, if four levels are used for subroutine calling, only two levels of the multiple interrupts shown in Fig. 11-10 can be used. Fig. 11-10 Address Stack Register Operation ASR0 ASR1 ASR2 ASR3 ASR4 ASR5 ASR6 ASR7 × × × × Undefined Undefined Undefined Undefined Undefined MAIN × × × × × × × × Undefined Undefined Undefined Undefined SUB1 MAIN × × × × × × × × Undefined Undefined Undefined SUB2 SUB1 MAIN × × × × × × × × Undefined Undefined SUB3 SUB2 SUB1 MAIN × × × × × × × × Undefined AAA SUB3 SUB2 SUB1 MAIN × × × × × × × × SUB4 AAA SUB3 SUB2 SUB1 MAIN × × × × × × × × SUB4 AAA SUB3 SUB2 SUB1 MAIN × × × × × × × × Undefined Undefined Undefined Undefined Undefined Undefined × × × × × × × × SUB4 AAA SUB3 SUB2 SUB1 MAIN × × × × RET BBB: SUB4: AAA: SUB3: SUB2: SUB1: MAIN: Level 0 Level 1 Level 2 Level 3 Level 4 Level 5 Level 6 Level 7 Level 8 Stack pointer SP Main routine Subroutine 1 Subroutine 2 Subroutine 3 Interrupt A Subroutine 4 Interrupt B Subroutine 5 Because the contents of the address stack register (ASR0) are always undefined when the stack pointer is 0, the return addressof the RET instruction also becomes undefined. Address stack register |