| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17062 bảng dữ liệu(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 bảng dữ liệu(HTML) 129 Page - Renesas Technology Corp |
|
129 / 298 page ![]() 127 µPD17062 Fig. 11-7 Interrupt Stack Operation at Multiple Interrupts (a) Multiple level-2 interrupts (b) Multiple level-3 interrupts MAIN A MAIN B A MAIN RETI RETI A MAIN MAIN MAIN MAIN MAIN Interrupt B Interrupt stack Undefined Main routine Interrupt A Interrupt stack Undefined Undefined MAIN A MAIN B A C B A MAIN B A A A RETI RETI RETI A A A A If control is returned to the main routine at this time, BANK and IXE of interrupt A are restored and the main routine operates abnormally. Undefined Undefined Main routine Interrupt A Interrupt B Interrupt C Undefined |