| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD17062 bảng dữ liệu(PDF) 116 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD17062 bảng dữ liệu(HTML) 116 Page - Renesas Technology Corp |
|
116 / 298 page ![]() 114 µPD17062 Fig. 11-3 Interrupt Reception Timing Chart (1/2) (1) When one interrupt (e.g., rising edge at the INTNC pin) is used (a) When an interrupt mask time is not set by the interrupt permission flag # # When the MOVT instruction or a normal instruction that does not satisfy the skip conditions is executed at interrupt acceptance $ $ When the MOVT instruction or an instruction satisfying the skip conditions is executed at interrupt reception (b) When an interrupt holding period is set by the interrupt permission flag Instruction EI MOV WR, #0001B POKE INTPM, WR INTE INTNC pin IRQNC flag IPNC flag Interrupt acceptance Normal instruction Interrupt cycle or 12 s 1 instruction cycle: 2 s Interrupt permission period Interrupt processing routine µ µ Instruction EI MOV WR, #0001B POKE INTPM, WR INTE INTNC pin IRQNC flag IPNC flag Interrupt processing routine MOVT DBF, @AR skip instruction Interrupt cycle Interrupt acceptance Instruction EI MOV WR, #0001B POKE INTPM, WR INTE INTNC pin IRQNC flag IPNC flag Interrupt acceptance Interrupt cycle Interrupt holding period Interrupt processing routine |