| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD6708 bảng dữ liệu(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD6708 bảng dữ liệu(HTML) 44 Page - Renesas Technology Corp |
|
44 / 74 page ![]() 42 µPD6708 Table 6-7. Minimum Generation Intervals for Return Codes in Master Reception ( µs) Time Mode 0 Mode 1 Mode 2 T1 Note Approx. 8030 Approx. 5800 T2 Approx. 1580 Approx. 400 Approx. 290 T3 Approx. 10 Approx. 10 Approx. 10 T4 Approx. 7290 Approx. 2050 Approx. 1550 Note The mode 0 master receive data consists of up to 19 bytes. There- fore, the receive buffer (20 bytes) does not become full, and a return code is not generated. (4) Slave reception The order of generation of slave reception return codes is as shown in Figure 6-4. Figure 6-4. Return Code Generation Order in Slave Reception The minimum generation intervals for return codes in master transmission are shown below. Table 6-8. Minimum Generation Intervals for Return Codes in Slave Reception ( µs) Note The mode 0 master receive data consists of up to 19 bytes. There- fore, the receive buffer (20 bytes) does not become full, and a return code is not generated. (5) Broadcast reception The return code generation order and minimum generation intervals in the case of broadcast reception are the same as for (4) Slave reception as shown above. Time Mode 0 Mode 1 Mode 2 T1 Note Approx. 8030 Approx. 5800 T2 Approx. 1580 Approx. 400 Approx. 290 T3 Approx. 10 Approx. 10 Approx. 10 T4 Approx. 7290 Approx. 2050 Approx. 1550 Slave Reception Start (Return Code : 1000) Slave Receive Buffer Full (Return Code : 1001) T3 New communication return codes • Slave reception start (Return code : 1000) • Broadcast reception start (Return code : 1100) etc. T1 T2 T3 Slave Reception Normal Termination (Return Code : 1010) Termination During Slave Reception (Return Code : 1011) T2 T1 Slave Receive Buffer Full (Return Code : 1001) Slave Reception Normal Termination (Return Code : 1010) Termination During Slave Reception (Return Code : 1011) T4 T4 T4 T4 |