công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7789V2 bảng dữ liệu(PDF) 148 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7789V2
Giải thích chi tiết về linh kiện  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 bảng dữ liệu(HTML) 148 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 152Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 319 page
background image
ST7789V2
Version 1.0
Page 148 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.21 Display Dimming
8.21.1 General Description
A dimming function (how fast to change the brightness from old to new level and what are brightness
levels during the change) is used when changing from one brightness level to another. This dimming function
curve is the same in increment and decrement. The basic idea is described below.
Dimming function can be enable and disable. See “Write CTRL Display (53h)” (bit DD) for more
information.
8.21.2 Dimming Requirement
Dimming function in the display module should be implemented so that 400-600ms is used for the
transition between the original brightness value and the target brightness value. The transferring time steps
between these two brightness values are equal making the transition linear.
The dimming function is working similarly in both upward and downward directions.
An upward example is illustrate below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More