công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7789V2 bảng dữ liệu(PDF) 147 Page - Sitronix Technology Co., Ltd.

tên linh kiện ST7789V2
Giải thích chi tiết về linh kiện  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SITRONIX [Sitronix Technology Co., Ltd.]
Trang chủ  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 bảng dữ liệu(HTML) 147 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 143Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 144Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 145Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 146Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 147Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 148Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 149Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 150Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 151Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 319 page
background image
ST7789V2
Version 1.0
Page 147 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.20 Gray voltage generator for digital gamma correction
ST7789V2 digital gamma function can implement the RGB gamma correction independently. ST7789V2
utilizes look-up table of digital gamma to change ram data, and then display the changed data from source
driver. The following diagram shows the data flow of digital gamma.
Figure 37 Block diagram of digital gamma
There are 2 registers and each register has 64 bytes to set R, G, B gamma independently. When bit
DGMEN be set to 1, R and B gamma will be mapped via look-up table of digital gamma to gray level voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More