công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

70P246A55BYAI bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp

tên linh kiện 70P246A55BYAI
Giải thích chi tiết về linh kiện  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp

Back Button 70P246A55BYAI Datasheet HTML 16Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 17Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 18Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 19Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 20Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 21Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 22Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 23Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
6.42
22
IDT70P256/246L
Preliminary
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
neousrequestsaremade,thelogicguaranteesthatonlyonesidereceives
thetoken.Ifonesideisearlierthantheotherinmakingtherequest,thefirst
side to make the request will receive the token. If both requests arrive at
the same time, the assignment will be arbitrarily made to one port or the
other.
One caution that should be noted when using semaphores is that
semaphores alone do not guarantee that access to a resource is
secure. As with any powerful programming technique, if semaphores
are misused or misinterpreted, a software error can easily happen.
Initialization of the semaphores is not automatic and must be
handled via the initialization program at power-up. Since any sema-
phore request flag which contains a zero must be reset to a one, all
semaphores on both sides should have a one written into them at
initialization from both sides to assure that they will be free when
needed.
UsingSemaphores—SomeExamples
Perhapsthesimplestapplicationofsemaphoresistheirapplicationas
resourcemarkersfortheIDT70P256/246’sDual-PortSRAM. Saythe8K/
4K x 16 SRAM was to be divided into two 4K/2K x 16 blocks which were
to be dedicated at any one time to servicing either the left or right port.
Semaphore 0 could be used to indicate the side which would control the
lower section of memory, and Semaphore 1 could be defined as the
indicator for the upper section of memory.
To take a resource, in this example the lower 4K/2K of Dual-Port
SRAM, the processor on the left port could write and then read a
zero in to Semaphore 0. If this task were successfully completed
(a zero was read back rather than a one), the left processor would
assume control of the lower 4K/2K. Meanwhile the right processor was
attempting to gain control of the resource after the left processor, it would
read back a one in response to the zero it had attempted to write into
Semaphore0.Atthispoint,thesoftwarecouldchoosetotryandgaincontrol
ofthesecond4K/2Ksectionbywriting,thenreadingazerointoSemaphore
1. If it succeeded in gaining control, it would lock out the left side.
Once the left side was finished with its task, it would write a one to
Semaphore 0 and may then try to gain access to Semaphore 1. If
Semaphore 1 was still occupied by the right side, the left side could undo
itssemaphorerequestandperformothertasksuntilitwasabletowrite,then
readazerointoSemaphore1.Iftherightprocessorperformsasimilartask
with Semaphore 0, this protocol would allow the two processors to swap
4K/2K blocks of Dual-Port SRAM with each other.
The blocks do not have to be any particular size and can even be
variable, depending upon the complexity of the software using the
semaphore flags. All eight semaphores could be used to divide the Dual-
Port SRAM or other shared resources into eight parts. Semaphores can
even be assigned different meanings on different sides rather than being
given a common meaning as was shown in the example above.
Semaphores are a useful form of arbitration in systems like disk
interfaces where the CPU must be locked out of a section of memory
during a transfer and the I/O device cannot tolerate any wait states.
With the use of semaphores, once the two devices has determined
which memory area was “off-limits” to the CPU, both the CPU and the I/
O devices could access their assigned portions of memory continuously
without any wait states.
Semaphores are also useful in applications where no memory
“WAIT” state is available on one or both sides. Once a semaphore
handshake has been performed, both processors can access their
assigned SRAM segments at full speed.
Another application is in the area of complex data structures. In this
case, block arbitration is very important. For this application one
processor may be responsible for building and updating a data
structure. The other processor then reads and interprets that data
structure. If the interpreting processor reads an incomplete data
structure, a major error condition may exist. Therefore, some sort of
arbitration must be used between the two different processors. The
building processor arbitrates for the block, locks it and then is able to
go in and update the data structure. When the update is completed, the
data structure block is released. This allows the interpreting processor
to come back and read the complete data structure, thereby guaran-
teeing a consistent data structure.
D
5699 drw 19
0
D
Q
WRITE
D0
D
Q
WRITE
SEMAPHORE
REQUEST FLIP FLOP
SEMAPHORE
REQUEST FLIP FLOP
LPORT
RPORT
SEMAPHORE
READ
SEMAPHORE
READ
,
Figure 4.
IDT70P256/246 Semaphore Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com