công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

70P246A55BYAI bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện 70P246A55BYAI
Giải thích chi tiết về linh kiện  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  70P246A55BYAI Datasheet HTML 1Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 2Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 3Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 4Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 5Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 6Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 7Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 8Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
6.42
2
IDT70P256/246L
Preliminary
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
Description
The IDT70P256/246 is a very low power 8K/4K x 16 Dual-Port
Static RAM. This device provides two independent ports with separate
control, address, and I/O pins that permit independent, asynchronous
accessforreadsorwritestoanylocationinmemory. Anautomaticpower
down feature controlled by
CE permits the on-chip circuitry of each port
to enter a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology,
these devices typically operate on only 27mW of power.
The IDT70P256/246 is packaged in a 100 ball 0.5mm- pitch Ball
Grid Array. The package is a 1mm thick and designed to fit in wireless
handsetapplications.
Pin Configurations(2,3,4)
C10
D8
C8
A9
D9
C9
B9
D10
C7
B8
A8
A10
D7
B7
A7
B6
C6
D6
A5
B5
C5
D5
A4
B4
C4
D4
A3
B3
C3
D3
D2
C2
B2
A2
A1
B1
C1
D1
E1
E2
E3
E4
F1
F2
F3
F4
G1
G2
G3
G4
H1
H2
H3
H4
J1
J2
J3
J4
K1
K2
K3
K4
A6
B10
E5
E6
E7
E8
E9
E10
F5
F6
F8
F9
F10
G5
G6
G7
G8
G9
G10
H5
H6
H7
H8
H9
H10
J5
J6
J7
J8
J9
J10
K5
K6
K7
K8
K9
K10
F7
5699 drw 02c
,
08/03/07
A5R
A8R
A11R
UBR
Vss
Vss
SEMR I/O15R I/O12R I/O10R
Vss
Vss
A6R
I/O7R
I/O11R
I/O14R
A2R
A1R
A0R
LBR
Vss
Vss
SFEN
Vss
Vss
VDDQR
A3R
A7R
A9R
CER
R/
WR OER
I/O9R
I/O6R
A4R
VDDQR
VDD
A12R(1)
A10R
INTR
I/O13R
I/O5R
BUSYR
I/O2R
ODR2
ODR4
I/O8R
ODR3
INTL
IRR1
I/O4R
I/O1R
ODR1
BUSYL
A1L
NC
NC
OEL
I/O0R
I/O3R
I/O15L VDDQL
ODR0
A2L
A5L
A12L(1)
VDD
I/O3L
I/O11L I/O12L I/O14L I/O13L
A0L
A4L
A9L
LBL
CEL
I/O1L
VDDQL
I/O10L
A3L
A7L
A10L
IRR0
I/O4L
I/O6L
I/O8L
I/O9L
A6L
A8L
A11L
UBL
SEML R/WL
I/O0L
I/O2L
I/O5L
I/O7L
Vss
VDD
70P256/246BY
BY-100
100-Ball 0.5mm Pitch BGA
Top View(5)
NOTES:
1. A12X is a NC for IDT70P246.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. BY100-1 package body is approximately 6mm x 6mm x 1mm, ball pitch 0.5mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com