công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

70P246A55BYAI bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện 70P246A55BYAI
Giải thích chi tiết về linh kiện  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button 70P246A55BYAI Datasheet HTML 2Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 3Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 4Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 5Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 6Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 7Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 8Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 9Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6.42
6
IDT70P256/246L
Preliminary
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD= 1.8V ± 100mV)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
ILI
Input Leakage Current
VDD = 1.8V, VIN = 0V to VDD
___
1
µA
ILO
Output Leakage Current
CE = VIH, VOUT = 0V to VDD
___
1
µA
VOL
Output Low Voltage (VDDQX = 3.0V)
IOLL = +2mA
___
0.4
V
VOH
Output High Voltage (VDDQX = 3.0V)
IOHL = -2mA
2.1
___
V
VOL
Output Low Voltage (VDDQX = 2.5V)
IOLL = +2mA
___
0.4
V
VOH
Output High Voltage (VDDQX = 2.5V)
IOHL = -2mA
2.0
___
V
5699 tbl 08
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD= 1.8V ±100mV)
NOTES:
1. VDD = 1.8V, TA = +25°C, and are not production tested. IDD DC = 15mA (
typ.)
2. At f = fMAX
, address and control lines are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions”.
3.
Port "A" may be either left or right port. Port "B" is the opposite from port "A".
70P256/246
Ind'l Only
Symbol
Parameter
Test Condition
Version
Typ.
(1)
Max.
Unit
IDD
Dynamic Operating Current
(Both Ports Active)
CE = VIL, Outputs Open
f = fMAX
(2)
IND'L
L
15
25
mA
ISB1
Standby Current (Both Ports
Inactive)
CER and CEL = VIH, SEMR = SEML = VIH
f = fMAX
(2)
IND'L
L
2
8
µA
ISB2
Standby Current (One Port
Inactive, One Port Active)
CE"A" = VIL and CE"B" = VIH(3), Active Port Outputs Open
f = fMAX
(2)
IND'L
L
8.5
14
mA
ISB3
Full Standby Current (Both
Ports Inactive - CMOS Level
Inputs)
Both Ports
CEL and CER > VDDQ - 0.2V,
SEML and SEMR > VDDQ - 0.2V, VIN > VDDQ - 0.2V or VIN < 0.2V
f = 0
IND'LL
28
µA
ISB4
Standby Current (One Port
Inactive, One Port Active -
CMOS Level Inputs)
CE"A" < 0.2V and CE"B" > VDDQ - 0.2V(4)
VIN > VDDQ - 0.2V or VIN < 0.2V, Active Port Outputs Open
f = fMAX(2)
IND'L
L
8.5
14
mA
5699 tbl 09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com