công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

70P246A55BYAI bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp

tên linh kiện 70P246A55BYAI
Giải thích chi tiết về linh kiện  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

70P246A55BYAI bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp

Back Button 70P246A55BYAI Datasheet HTML 4Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 5Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 6Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 7Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 8Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 9Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 10Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 11Page - Renesas Technology Corp 70P246A55BYAI Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
6.42
8
IDT70P256/246L
Preliminary
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load.
2.
This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL, UB or LB = VIL, and SEM = VIH. To access semaphore, CE = VIH or UB and LB = VIH, and SEM = VIL.
4. The specification for tDH must be met by the device supplying write data to the SRAM under all operating conditions. Although tDH and tOW values will vary over
voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. At any given temperature and voltage condition, tHZ is less than tLZ for any given device.
70P256/246
Ind'l Only
Unit
Symbol
Parameter
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
55
____
ns
tAA
Address Access Time
____
55
ns
tACE
Chip Enable Access Time(3)
____
55
ns
tABE
Byte Enable Access Time
(3)
____
55
ns
tAOE
Output Enable Access Time(3)
____
30
ns
tOH
Output Hold from Address Change
5
____
ns
tLZ
Output Low-Z Time(1,2,5)
5
____
ns
tHZ
Output High-Z Time
(1,2,5)
____
25
ns
tPU
Chip Enable to Power Up Time(1,2)
0
____
ns
tPD
Chip Disable to Power Down Time
(1,2)
____
55
ns
tSOP
Semaphore Flag Update Pulse (
OE or SEM)15
____
ns
tSAA
Semaphore Address Access
(3)
____
55
ns
5699 tbl 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com