công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS8083CPZP bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện THS8083CPZP
Giải thích chi tiết về linh kiện  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 13Page - Texas Instruments THS8083CPZP Datasheet HTML 14Page - Texas Instruments THS8083CPZP Datasheet HTML 15Page - Texas Instruments THS8083CPZP Datasheet HTML 16Page - Texas Instruments THS8083CPZP Datasheet HTML 17Page - Texas Instruments THS8083CPZP Datasheet HTML 18Page - Texas Instruments THS8083CPZP Datasheet HTML 19Page - Texas Instruments THS8083CPZP Datasheet HTML 20Page - Texas Instruments THS8083CPZP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 61 page
background image
2–3
Ext. Logic
PFD_FREEZE
CS
THS8083
HS
Frame Period
PFD_FREEZE High in VBI on Lines Where CS
Has Multiple Rising/Falling Edges Per Line
Option 1: Using PFD_FREEZE
Sync.
Separator
CS
THS8083
HS
Option 2: Using HS Derived From CS
PFD_FREEZE
VS
Figure 2–4. Using THS8083 With a Composite Sync
Note that the slicer will only work when no video levels are lower than the blanking level and when the internal clamp
circuit is used. This is normally satisfied for G and Y channels, but not for U and V channels. To prevent unnecessary
toggling of the CS output signal, the CS output is switched off automatically when mid-level clamping is chosen for
channel 1 (i.e., CLP1_RG=1 in register <CLP_CTRL>). CS can be permanently disabled by setting CS_DIS=1 in
register <AUX_CTRL>.
When CS is disabled, the CS output will be Hi-Z.
NOTE:
While PFD_FREEZE keeps the DTO output frequency constant, it does not disable the
phase/frequency detector (PFD) from internally updating its error value at every active edge
on HS. Therefore, when deasserting PFD_FREEZE and no external sync separator is used,
a discontinuity on the frequency increment to the DTO occurs which will cause an
instantaneous frequency shift. To prevent this, the user should gate the CS signal externally
with the PFD_FREEZE signal as shown in Figure 2.4. This will keep the PFD from updating
during PFD_FREEZE high, since HS will remain low during the VBI. By using both
PFD_FREEZE and gating during the vertical blanking interval, THS8083 can be locked to
signals with a composite sync.
To support sync-on-Y/sync-on-G extraction, the user should provide an external dc biasing to
the Y/G channel. This can be done by establishing a dc clamp through a diode with its cathode
connected to the ac-coupling capacitor (at the side of THS8083) on the AGY channel and
anode connected to a dc level. Since the slicing level is around 1.35 V and the sync amplitude
is ~300 mV, the negative sync-tip should be clamped by the diode to a level of approximately
1.2 V. For example, using a Schottky switching diode (type 1N5711) with a low forward voltage
drop of maximum 0.4 V, the dc level at the anode can be approximately 1.6 V. This level can
be derived through a resistive voltage divider off the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61