| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THS8083CPZP bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS8083CPZP bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 61 page ![]() 1–2 • Output Formatter – Single and double pixel width output data bus for reduced board clock frequency and EMI – Support for 4:4:4 and 4:2:2 (ITU.BT–601 style) output modes to reduce board traces to video ASICs – Dedicated DATACLK1 output for easy latching of output data • System – Industry-standard normal/fast I2C interface with register readback capability – Support for input format detection via integrated monitoring of HS, VS, and pixel clock frequencies – Support for multidevice operation (master/slave operation for SXGA resolution) – Space-saving TQFP-100 pin package – Thermally-enhanced PowerPAD package for better heat dissipation • Applications – LCD desktop monitors and LCD or DMD-based projection systems – Videoconferencing – PCTV set-top boxes, digital TV sets, and multimedia cards – Scan rate/image resolution converters – Video/graphics digitizing equipment (RGB or YUV-based) |