| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC750EC/D bảng dữ liệu(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC750EC/D bảng dữ liệu(HTML) 4 Page - NXP Semiconductors |
|
4 / 44 page ![]() 4 MPC750A RISC Microprocessor Hardware Specifications Features 1.2 Features This section summarizes features of the MPC750’s implementation of the PowerPC architecture. Major features of the MPC750 are as follows: • Branch processing unit — Four instructions fetched per clock — One branch processed per cycle (plus resolving 2 speculations) — Up to 1 speculative stream in execution, 1 additional speculative stream in fetch — 512-entry branch history table (BHT) for dynamic prediction — 64-entry, 4-way set associative branch target instruction cache (BTIC) for eliminating branch delay slots • Dispatch unit — Full hardware detection of dependencies (resolved in the execution units) — Dispatch two instructions to six independent units (system, branch, load/store, fixed-point unit 1, fixed-point unit 2, or floating-point) — Serialization control (predispatch, postdispatch, execution serialization) • Decode — Register file access — Forwarding control — Partial instruction decode • Load/store unit — One cycle load or store cache access (byte, half-word, word, double-word) — Effective address generation — Hits under misses (one outstanding miss) — Single-cycle misaligned access within double word boundary — Alignment, zero padding, sign extend for integer register file — Floating-point internal format conversion (alignment, normalization) — Sequencing for load/store multiples and string operations — Store gathering — Cache and TLB instructions — Big- and little-endian byte addressing supported — Misaligned little-endian support in hardware • Fixed-point units — Fixed-point unit 1 (FXU1)—multiply, divide, shift, rotate, arithmetic, logical — Fixed-point unit 2 (FXU2)—shift, rotate, arithmetic, logical — Single-cycle arithmetic, shift, rotate, logical — Multiply and divide support (multi-cycle) — Early out multiply • Floating-point unit — Support for IEEE-754 standard single- and double-precision floating-point arithmetic — 3 cycle latency, 1 cycle throughput, single-precision multiply-add Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com AR CH IVE D B Y F RE ES CA LE SE MI CO ND UC TO R, INC . |