công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24256X-F bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện M24256X-F
Giải thích chi tiết về linh kiện  256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256X-F bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button M24256X-F Datasheet HTML 18Page - STMicroelectronics M24256X-F Datasheet HTML 19Page - STMicroelectronics M24256X-F Datasheet HTML 20Page - STMicroelectronics M24256X-F Datasheet HTML 21Page - STMicroelectronics M24256X-F Datasheet HTML 22Page - STMicroelectronics M24256X-F Datasheet HTML 23Page - STMicroelectronics M24256X-F Datasheet HTML 24Page - STMicroelectronics M24256X-F Datasheet HTML 25Page - STMicroelectronics M24256X-F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
6.6
Read identification page
Following a start condition the bus master sends a device select code with the RW bit (RW) set to '0'. The device
acknowledges this and waits for the address bytes where the identification page is located. The device responds
to each address byte with an acknowledge bit. The bits A6/A0 define the byte address inside the identification
page. Then, the bus master sends another start condition, and repeats the same device select code but with
the RW bit set to '1'. The device acknowledges this, and outputs the contents of the identification page. See in
Section 5.5 Device addressing (Table 5, Table 6 and Table 7) how to address the identification page.
The number of bytes to read in the ID page must not exceed the page boundary (e.g.: when reading the
identification page from location 10d, the number of bytes should be less than or equal to 54, as the ID page
boundary is 64 bytes). After the 64th byte of the identification page, there is no “roll-over” to the beginning of the
page.
To terminate the stream of data byte, the bus master must not acknowledge the byte, and must generate a stop
condition, as shown in Figure 12.
6.6.1
Read the lock status
The locked/unlocked status of the Identification page can be checked by transmitting a specific truncated
command [identification page write instruction + one data byte] to the device. The device returns an acknowledge
bit if the identification page is unlocked, otherwise a no ACK bit if the identification page is locked.
Right after this, it is recommended to transmit to the device a start condition followed by a stop condition, so that:
•
Start: the truncated command is not executed because the start condition resets the device internal logic
•
Stop: the device is then set back into standby mode by the stop condition.
M24256X-F
Read identification page
DS12380 - Rev 2
page 22/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com