công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS6407 bảng dữ liệu(PDF) 100 Page - NXP Semiconductors

tên linh kiện FS6407
Giải thích chi tiết về linh kiện  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6407 bảng dữ liệu(HTML) 100 Page - NXP Semiconductors

Back Button FS6407 Datasheet HTML 96Page - NXP Semiconductors FS6407 Datasheet HTML 97Page - NXP Semiconductors FS6407 Datasheet HTML 98Page - NXP Semiconductors FS6407 Datasheet HTML 99Page - NXP Semiconductors FS6407 Datasheet HTML 100Page - NXP Semiconductors FS6407 Datasheet HTML 101Page - NXP Semiconductors FS6407 Datasheet HTML 102Page - NXP Semiconductors FS6407 Datasheet HTML 103Page - NXP Semiconductors FS6407 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 111 page
background image
100
NXP Semiconductors
FS6407/FS6408
7.3.35 WD counter
7.3.36 Diag FS2
Table 85. WD counter register description
Read
bit15 bit14 bit13 bit12 bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
0
1
0
1
1
0
10
0
0
0
0
0
000
MISO
SPI_
G
WU
CAN_
G
Rese
rved
IO_G
Vpre_
G
Vcore_
G
Vothers_
G
WD_err
_2
WD_err
_1
WD_err
_0
0
WD_ref
resh_2
WD_refr
esh_1
WD_refr
esh_0
0
Table 86. WD counter. Description and configuration of the bits (default value in bold)
WD_err_2:0
Description
Report the value of the watchdog error counter
000
From 0 to 5 (6 generates a Reset and this counter is reset to 0)
to 110
Reset condition
Power On Reset
WD_refresh_2:0
Description
Report the value of the watchdog refresh counter
000
From 0 to 6 (7 generate a decrease of the RST_err_cnt and this counter is reset to 0)
to 111
Reset condition
Power On Reset
Table 87. DIAG FS2 register description
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
010111
00000
00000
MISO
SPI_G
WU
CAN_G
Reserv
ed
IO_G Vpre_G
Vcore_
G
Vothers
_G
RSTb_
err_2
RSTb_
err_1
RSTb_
err_0
0
IO_45_
fail
IO_23_
fail
IO_1_F
ail
IO_01_
fail
Table 88. Diag FS2. Description and configuration of the bits (default value in bold)
RSTb_err_2:0
Description
Report the value of the RSTb error counter
000
001
…
110
Error counter is set to 1 by default
Reset condition
Power On Reset
IO_45_fail
Description
Report an error in the IO_45 protocol
0No error
1
Error detected
Reset condition
Power On Reset / Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More