công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STUW81300 bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STUW81300
Giải thích chi tiết về linh kiện  Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUW81300 bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STUW81300 Datasheet HTML 1Page - STMicroelectronics STUW81300 Datasheet HTML 2Page - STMicroelectronics STUW81300 Datasheet HTML 3Page - STMicroelectronics STUW81300 Datasheet HTML 4Page - STMicroelectronics STUW81300 Datasheet HTML 5Page - STMicroelectronics STUW81300 Datasheet HTML 6Page - STMicroelectronics STUW81300 Datasheet HTML 7Page - STMicroelectronics STUW81300 Datasheet HTML 8Page - STMicroelectronics STUW81300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
DS11314 Rev 7
5/63
STuW81300
List of figures
5
List of figures
Figure 1.
STuW81300 functional block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Top view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
VCO open loop phase noise (5 V supply). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 4.
Closed loop phase noise (5 V supply) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 5.
VCO Open loop phase noise at 5.3 GHz vs. supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 6.
VCO open loop phase noise over Frequency vs. supply . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 7.
Single sideband integrated phase noise vs. frequency and supply (FPFD=50 MHz) . . . . . 20
Figure 8.
Average KVCO over VCO frequency and supply. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 9.
Phase noise and fractional spurs at 5952.5 MHz vs. supply (FPFD=50 MHz) . . . . . . . . . . 20
Figure 10.
Phase noise and fractional spurs at 11502.5 MHz vs. supply (FPFD=50 MHz) . . . . . . . . . 20
Figure 11.
Output power level vs. temperature – RF1 output (5.0 V supply) . . . . . . . . . . . . . . . . . . . . 20
Figure 12.
Output power level vs. temperature– RF2 output (5.0 V supply) . . . . . . . . . . . . . . . . . . . . 20
Figure 13.
VCO feedthrough at RF2 output vs. fundamental VCO frequency . . . . . . . . . . . . . . . . . . . 21
Figure 14.
Typical spur level vs. offset from 12 GHz (5.0 V supply, FPFD=50 MHz) . . . . . . . . . . . . . . 21
Figure 15.
Typical spur level at PFD offset over carrier frequency (5.0 V supply) . . . . . . . . . . . . . . . . 21
Figure 16.
10 kHz and 2.5 MHz fractional spur (integer boundary, 5.0 V supply, FPFD=50 MHz) . . . . 21
Figure 17.
Frequency settling with VCO calibration – wideband view . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 18.
Frequency settling with VCO calibration – narrowband view . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 19.
Overall current consumption vs. temperature (5.0 V supply, FPFD=50 MHz) . . . . . . . . . . . 22
Figure 20.
Overall current consumption vs. temperature (3.6 V supply, FPFD=50 MHz). . . . . . . . . . . 22
Figure 21.
Figure of merit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 22.
Reference clock buffer configurations: single-ended (A), differential (B),
crystal mode (C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 23.
PFD diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 24.
SPI Protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 25.
SPI timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 26.
Application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Figure 27.
VFQFPN - 36 pin, 6x6 mm, 0.5 mm pitch very thin profile fine pitch quad flat
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 28.
VFQFPN - 36 pin, 6x6 mm, 0.5 mm pitch very thin profile fine pitch quad flat
package recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com