công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASM330LHBTR bảng dữ liệu(PDF) 86 Page - STMicroelectronics

tên linh kiện ASM330LHBTR
Giải thích chi tiết về linh kiện  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR bảng dữ liệu(HTML) 86 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 82Page - STMicroelectronics ASM330LHBTR Datasheet HTML 83Page - STMicroelectronics ASM330LHBTR Datasheet HTML 84Page - STMicroelectronics ASM330LHBTR Datasheet HTML 85Page - STMicroelectronics ASM330LHBTR Datasheet HTML 86Page - STMicroelectronics ASM330LHBTR Datasheet HTML 87Page - STMicroelectronics ASM330LHBTR Datasheet HTML 88Page - STMicroelectronics ASM330LHBTR Datasheet HTML 89Page - STMicroelectronics ASM330LHBTR Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 131 page
background image
11.14
FSM_STATUS_A (13h)
Finite state machine status register (R)
Table 175. FSM_STATUS_A register
IS_FSM8
IS_FSM7
IS_FSM6
IS_FSM5
IS_FSM4
IS_FSM3
IS_FSM2
IS_FSM1
Table 176. FSM_STATUS_A register description
IS_FSM8
Interrupt status bit for FSM8 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_FSM7
Interrupt status bit for FSM7 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_FSM6
Interrupt status bit for FSM6 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_FSM5
Interrupt status bit for FSM5 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_FSM4
Interrupt status bit for FSM4 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_FSM3
Interrupt status bit for FSM3 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_FSM2
Interrupt status bit for FSM2 interrupt event.
(1: interrupt detected; 0: no interrupt)
IS_FSM1
Interrupt status bit for FSM1 interrupt event.
(1: interrupt detected; 0: no interrupt)
ASM330LHB
FSM_STATUS_A (13h)
DS13773 - Rev 7
page 86/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More