công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASM330LHBTR bảng dữ liệu(PDF) 61 Page - STMicroelectronics

tên linh kiện ASM330LHBTR
Giải thích chi tiết về linh kiện  High-accuracy automotive 6-axis inertial module for car electronic control units
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBTR bảng dữ liệu(HTML) 61 Page - STMicroelectronics

Back Button ASM330LHBTR Datasheet HTML 57Page - STMicroelectronics ASM330LHBTR Datasheet HTML 58Page - STMicroelectronics ASM330LHBTR Datasheet HTML 59Page - STMicroelectronics ASM330LHBTR Datasheet HTML 60Page - STMicroelectronics ASM330LHBTR Datasheet HTML 61Page - STMicroelectronics ASM330LHBTR Datasheet HTML 62Page - STMicroelectronics ASM330LHBTR Datasheet HTML 63Page - STMicroelectronics ASM330LHBTR Datasheet HTML 64Page - STMicroelectronics ASM330LHBTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 131 page
background image
9.31
OUTY_H_A (2Bh), OUTY_L_A (2Ah)
Linear acceleration sensor Y-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Table 89. OUTY_H_A register
D15
D14
D13
D12
D11
D10
D9
D8
Table 90. OUTY_L_A register
D7
D6
D5
D4
D3
D2
D1
D0
Table 91. OUTY_H_A, OUTY_L_A register description
D[15:0]
Accelerometer Y-axis output expressed as two’s complement
9.32
OUTZ_H_A (2Dh), OUTZ_L_A (2Ch)
Linear acceleration sensor Z-axis output register (R). The value is expressed as a 16-bit word in two’s
complement.
Table 92. OUTZ_H_A register
D15
D14
D13
D12
D11
D10
D9
D8
Table 93. OUTZ_L_A register
D7
D6
D5
D4
D3
D2
D1
D0
Table 94. OUTZ_H_A, OUTZ_L_A register description
D[15:0]
Accelerometer Z-axis output expressed as two’s complement
ASM330LHB
OUTY_H_A (2Bh), OUTY_L_A (2Ah)
DS13773 - Rev 7
page 61/131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More