| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705SP7 bảng dữ liệu(PDF) 98 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 bảng dữ liệu(HTML) 98 Page - NXP Semiconductors |
|
98 / 230 page ![]() Parallel Input/Output General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Parallel Input/Output Table 7-3. Port B Pin Functions — PB5:7 Port B Pin Control Bits PORTB Access (Pin or Data Register) Result on Port B Pins SIOP SWPDI in MOR Port B SPE MSTR PDIBx DDRBx* Read Write Pulldown Pin PB5 0X 0 0 0 Pin Data On PB5 In 0 1 0 Pin Data Off PB5 In 1 X 0 Pin Data Off PB5 In X X 1 Data Data Off PB5 Out 1X X X 0 SDO Data Off SDO Out 1 Data Data Off SDO Out PB6 0X 0 0 0 Pin Data On PB6 In 0 1 0 Pin Data Off PB6 In 1 X 0 Pin Data Off PB6 In X X 1 Data Data Off PB6 Out 1X X X 0 SDI Data Off SDI In 1 Data Data Off SDI In PB7 0X 0 0 0 Pin Data On PB7 In 0 1 0 Pin Data Off PB7 In 1 X 0 Pin Data Off PB7 In X X 1 Data Data Off PB7 Out 1 0X X 0 SCK Data Off SCK In 1 Data Data Off SCK In 1X X 0 SCK Data Off SCK Out 1 Data Data Off SCK Out * DDRB can always be read or written. X = Don’t Care Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |