| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705SP7 bảng dữ liệu(PDF) 94 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 bảng dữ liệu(HTML) 94 Page - NXP Semiconductors |
|
94 / 230 page ![]() Parallel Input/Output General Release Specification MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 Parallel Input/Output 7.4.8 PB6/SDI Logic The PB6/SDI pin can be used as a simple I/O port pin or be controlled by the SIOP serial interface as shown in Figure 7-11. The operations of PB6/SDI pin are summarized in Table 7-3. Figure 7-11. PB6/SDI Pin I/O Circuit DATA DIRECTION REGISTER B BIT DDRB6 PORT B DATA REGISTER BIT PB6 PULLDOWN REGISTER B BIT PDIB6 R R PB6 READ $0005 WRITE $0001 READ $0001 WRITE $0011 PULLDOWN DEVICE RESET WRITE $0005 SDI SERIAL ENABLE (SPE) SERIAL DATA IN (SDI) MASK OPTION REGISTER ($1FF1) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |