công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

68HC705SP7 bảng dữ liệu(PDF) 191 Page - NXP Semiconductors

tên linh kiện 68HC705SP7
Giải thích chi tiết về linh kiện  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705SP7 bảng dữ liệu(HTML) 191 Page - NXP Semiconductors

Back Button 68HC705SP7 Datasheet HTML 187Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 188Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 189Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 190Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 191Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 192Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 193Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 194Page - NXP Semiconductors 68HC705SP7 Datasheet HTML 195Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 230 page
background image
Instruction Set
Instruction Types
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Instruction Set
14.3.8 Relative
Relative addressing is only for branch instructions. If the branch
condition is true, the CPU finds the effective branch destination by
adding the signed byte following the opcode to the contents of the
program counter. If the branch condition is not true, the CPU goes to the
next instruction. The offset is a signed, two’s complement byte that gives
a branching range of –128 to +127 bytes from the address of the next
location after the branch instruction.
When using the Motorola assembler, the programmer does not need to
calculate the offset, because the assembler determines the proper offset
and verifies that it is within the span of the branch.
14.4 Instruction Types
The MCU instructions fall into the following five categories:
•
Register/Memory Instructions
•
Read-Modify-Write Instructions
•
Jump/Branch Instructions
•
Bit Manipulation Instructions
•
Control Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More