| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705SP7 bảng dữ liệu(PDF) 175 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705SP7 bảng dữ liệu(HTML) 175 Page - NXP Semiconductors |
|
175 / 230 page ![]() Personality EPROM PEPROM Registers MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Personality EPROM PEPRZF — PEPROM Row Zero Flag This read-only bit is set when the PEPROM bit select register selects the first row (row zero) of the PEPROM array. Selecting any other row clears PEPRZF. Monitoring PEPRZF can reduce the code needed to access one byte of eight PEPROM locations. Reset clears the PEPROM bit select register, thereby setting the PEPRZF bit by default. 1 = Row zero selected 0 = Row zero not selected Table 12-1. PEPROM Bit Selection PEBSR PEPROM Bit Selected $00 $01 | V $07 $08 $09 | V $37 $38 $39 | V $3E $3F Row 0 Row 1 | V Row 7 Row 0 Row 1 | V Row 7 Row 0 Row 1 | V Row 6 Row 7 Column 0 Column 0 | V Column 0 Column 1 Column 1 | V Column 6 Column 7 Column 7 | V Column 7 Column 7 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |