| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC705JB2 bảng dữ liệu(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
68HC705JB2 bảng dữ liệu(HTML) 37 Page - NXP Semiconductors |
|
37 / 128 page ![]() August 28, 1998 GENERAL RELEASE SPECIFICATION INTERRUPTS REV 1.1 4-7 NOTE The BIH and BIL instructions will only apply to the level on the IRQ pin itself, and not to the output of the logic OR function with the PA0 thru PA3 pins. The state of the individual Port A pins can be checked by reading the appropriate Port A pins as inputs. NOTE If enabled, the PA0 to PA3 pins will cause an IRQ interrupt regardless of whether these pins are configured as inputs or outputs. 4.4.4 Timer1 Interrupt (TIMER1) The TIMER interrupt is generated by the timer when either a timer1 overflow or a input capture or output compare has occurred as described in Section 9. The interrupt flags and enable bits for the Timer1 interrupts are located in the Timer1 Control & Status Register (TSR) located at $0012, $0013. The I-bit in the CCR must be clear in order for the TIMER1 interrupt to be enabled. Either of these three interrupts will vector to the same interrupt service routine located at the address specified by the contents of memory locations $1FF6 and $1FF7. 4.4.5 USB Interrupt (USB) The USB interrupt is generated by the USB module as described in Section 10. The interrupt enable bits for the USB interrupt are located at bit3-bit2 of UIR0 REG and bit3-bit2 of UIR1 REG. Also Once the device goes into Suspend Mode, any bus activities will cause the USB to generate an interrupt to CPU to come out from the Suspend mode. The I-bit in the CCR must be clear in order for the USB interrupt to be enabled. Either of these two interrupts will vector to the same interrupt service routine located at the address specified by the contents of memory locations $1FF8 and $1FF9. 4.4.6 MFT Interrupt (MFT) The MFT interrupt is generated by the MFT module as described in Section 8. These interrupts will vector to the same interrupt service routine located at the address specified by the contents of memory locations $1FF4 and $1FF5. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |