công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CGA2 bảng dữ liệu(PDF) 3 Page - TDK Electronics

tên linh kiện CGA2
Giải thích chi tiết về linh kiện  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TDK [TDK Electronics]
Trang chủ  http://www.tdk.com
Logo TDK - TDK Electronics

CGA2 bảng dữ liệu(HTML) 3 Page - TDK Electronics

  CGA2 Datasheet HTML 1Page - TDK Electronics CGA2 Datasheet HTML 2Page - TDK Electronics CGA2 Datasheet HTML 3Page - TDK Electronics CGA2 Datasheet HTML 4Page - TDK Electronics CGA2 Datasheet HTML 5Page - TDK Electronics CGA2 Datasheet HTML 6Page - TDK Electronics CGA2 Datasheet HTML 7Page - TDK Electronics CGA2 Datasheet HTML 8Page - TDK Electronics CGA2 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
(3/23)
20210311 / mlcc_automotive_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
CGA series
General (Up to 75V)
Type: CGA1/0603 [0201 inch], CGA2/1005 [0402 inch], CGA3/1608 [0603 inch],
CGA4/2012 [0805 inch], CGA5/3216 [1206 inch], CGA6/3225 [1210 inch],
CGA8/4532 [1812 inch], CGA9/5750 [2220 inch]
■SERIES OVERVIEW
General type CGA series, automotive grade of TDK's multilayer ceramic chip capacitor, is a surface-mounted component, which multilayer dielec-
trics and inner electrodes are stacked alternately. The monolithic structure ensures superior mechanical strength and high reliability. Also, outstand-
ing frequency characteristics such as low ESR and low ESL are provided owing to the simpler structure than other capacitors. The capacitance
range is up to 100µF and the lineup has been expanding to a range of the film capacitor and electrolytic capacitor.
■FEATURES
• Superior mechanical strength and high reliability due to the monolithic
structure
• Outstanding frequency characteristics such as low ESR and low ESL
by the simple structure
• Low self-heating value and high resistance to ripple on account of the
low ESR
•No polarity
• AEC-Q200 compliant
■APPLICATIONS
• Smoothing and decoupling use in power lines for automotive applica-
tions such as ADAS, autonomous driving system ECU
• LC resonance circuit (C0G type)
• Applications requiring high reliability
■SHAPE & DIMENSIONS
■PRODUCT STRUCTURE
Dimensional tolerances are typical values.
T
L
G
B
L
W
T
B
G
Body length
Body width
Body height
Terminal width
Terminal spacing
Sn
Ni
Cu
The structure which multilayer dielectrics and inner electrodes are stacked
alternately. The monolithic and simple structure contributes to superior
mechanical strength and excellent frequency characteristics.
Dimensions in mm
Type
L
W
T
B
G
CGA1
0.60±0.03
0.30±0.03
0.30±0.03
0.10 min.
0.20 min.
CGA2
1.00±0.05
0.50±0.05
0.50±0.05
0.10 min.
0.30 min.
CGA3
1.60±0.10
0.80±0.10
0.80±0.10
0.20 min.
0.30 min.
CGA4
2.00±0.20
1.25±0.20
1.25±0.20
0.20 min.
0.50 min.
CGA5
3.20±0.20
1.60±0.20
1.60±0.20
0.20 min.
1.00 min.
CGA6
3.20±0.40
2.50±0.30
2.50±0.30
0.20 min.
—
CGA8
4.50±0.40
3.20±0.40
2.50±0.30
0.20 min.
—
CGA9
5.70±0.40
5.00±0.40
2.50±0.30
0.20 min.
—
REACH
SVHC-Free
Lead
Free
RoHS
Pb
Halogen
Free
Br
Cl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com