| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M95256-R bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-R bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 51 page ![]() Figure 2. 8-pin package connections (top view) D VSS C HOLD Q S VCC W M95xxx 1 2 3 4 8 7 6 5 1. See Section 10 Package information for package dimensions, and how to identify pin 1. Figure 3. WLCSP connections S D C W VCC VSS HOLD Q MS51613V1 Marking side (top view) Bump side (bottom view) 3 2 1 A B C D E 1 2 3 A B C D E S D W C VSS VCC Q HOLD MS69235 Table 2. Signals versus bump position Position A B C D E 1 HOLD - VCC - C 2 - S - D - 3 Q - VSS - W M95256-W M95256-R M95256-DF Description DS4712 - Rev 22 page 3/51 |