công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7C1026A bảng dữ liệu(PDF) 9 Page - Alliance Semiconductor Corporation

tên linh kiện AS7C1026A
Giải thích chi tiết về linh kiện  5V/3.3V 64K X 16 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026A bảng dữ liệu(HTML) 9 Page - Alliance Semiconductor Corporation

  AS7C1026A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
®
AS7C1026A
AS7C31026A
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and
product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no
responsibility for any errors that may appear in this document. The data contained herein represents Alliance’s best data and/or estimates at the time of issuance. Alliance reserves the right to
change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this
product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or
customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to
the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as
express agreed to in Alliance’s Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance’s Terms and
Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights
of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result
in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance
against all claims arising from such use.
2/6/01; V.0.9
Alliance Semiconductor
P. 9 of 9
Ordering codes
Part numbering system
Package \ Access time
Volt/Temp
10 ns
12 ns
15 ns
20 ns
Plastic SOJ, 400 mil
5V commercial
AS7C1026A-10JC
AS7C1026A-12JC
AS7C1026A-15JC
AS7C1026A-20JC
5V industrial
AS7C1026A-10JI
AS7C1026A-12JI
AS7C1026A-15JI
AS7C1026A-20JI
3.3V commercial
AS7C31026A-10JC
AS7C31026A-12JC
AS7C31026A-15JC
AS7C31026A-20JC
TSOP II, 18.4×10.2
mm
5V commercial
AS7C1026A-10TC
AS7C1026A-12TC
AS7C1026A-15TC
AS7C1026A-20TC
3.3V commercial
AS7C31026A-10TC
AS7C31026A-12TC
AS7C31026A-15TC
AS7C31026A-20TC
3.3V industrial
AS7C31026A-10TI
AS7C31026A-12TI
AS7C31026A-15TI
AS7C31026A-20TI
CSP BGA, 8×6 mm
5V commercial
AS7C1026A-10BC
AS7C1026A-12BC
AS7C1026A-15BC
AS7C1026A-20BC
3.3V commercial
AS7C31026A-10BC
AS7C31026A-12BC
AS7C31026A-15BC
AS7C31026A-20BC
3.3V industrial
AS7C31026A-10BI
AS7C31026A-12BI
AS7C31026A-15BI
AS7C31026A-20BI
AS7C
X
1026
–XX
X
C
SRAM
prefix
Blank=5V CMOS
3=3.3V CMOS
Device
number
Access
time
Package: J=SOJ 400 mil
T=TSOP type 2, 18.4 × 10.2 mm
B=CSP BGA, 8 × 6 mm
Temperature range,
C= Commercial: 0° C to 70° C
I= Industrial: -40° C to 85° C



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com