công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7C1026A bảng dữ liệu(PDF) 6 Page - Alliance Semiconductor Corporation

tên linh kiện AS7C1026A
Giải thích chi tiết về linh kiện  5V/3.3V 64K X 16 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1026A bảng dữ liệu(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C1026A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1026A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AS7C1026A
AS7C31026A
®
2/6/01
Alliance Semiconductor
P. 6 of 9
Data retention characteristics (over the operating range)
Data retention waveform
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A, B, and C.
4
These parameters are specified with CL = 5pF, as in Figures B or C. Transition is measured ± 500 mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6WE is High for read cycle.
7CE and OE are Low for read cycle.
8
Address valid prior to or coincident with CE transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 CE or WE must be High during address transitions. Either CE or WE asserting high terminates a write cycle.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 C=30pF, except all high Z and low Z parameters where C=5pF.
Parameter
Symbol
Test conditions
Min
Max
Unit
VCC for data retention
VDR
VCC = 2.0V
CE
≥ V
CC–0.2V
VIN ≥ VCC–0.2V or
VIN ≤ 0.2V
2.0
V
Data retention current
ICCDR
–1
ma
Chip deselect to data retention time
tCDR
0–
ns
Operation recovery time
tR
tRC
–ns
Input leakage current
|ILI|–
1
µA
VCC
CE
tR
tCDR
Data retention mode
VCC
VCC
VDR ≥ 2.0V
VIH
VIH
VDR
255W
C(14)
320W
GND
+3.3V
Figure C: 3.3V Output load
168W
Thevenin Equivalent:
DOUT
+1.728V (5V and 3.3V)
255W
C(14)
480W
GND
+5V
Figure B: 5V Output load
10%
90%
10%
90%
GND
+3.0V
Figure A: Input pulse
2 ns
DOUT
DOUT
– Output load: see Figure B or Figure C.
– Input pulse level: GND to 3.0V. See Figure A.
– Input rise and fall times: 2 ns. See Figure A.
– Input and output timing reference levels: 1.5V.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com