| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 172 page ![]() 11.11 FSM_INT2_B (10h) INT2 pin control register (r/w) Each bit in this register enables a signal to be carried through INT2. The pin's output will supply the OR combination of the selected signals. Table 193. FSM_INT2_B register INT2_ FSM16 INT2_ FSM15 INT2_ FSM14 INT2_ FSM13 INT2_ FSM12 INT2_ FSM11 INT2_ FSM10 INT2_ FSM9 Table 194. FSM_INT2_B register description INT2_FSM16(1) Routing of FSM16 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM15(1) Routing of FSM15 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM14(1) Routing of FSM14 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM13(1) Routing of FSM13 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM12(1) Routing of FSM12 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM11(1) Routing of FSM11 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM10(1) Routing of FSM10 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM9(1) Routing of FSM9 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSO FSM_INT2_B (10h) DS12140 - Rev 2 page 98/172 |