| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO bảng dữ liệu(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO bảng dữ liệu(HTML) 69 Page - STMicroelectronics |
|
69 / 172 page ![]() 9.35 FSM_STATUS_A_MAINPAGE (36h) Finite State Machine status register (r) Table 105. FSM_STATUS_A_MAINPAGE register IS_FSM8 IS_FSM7 IS_FSM6 IS_FSM5 IS_FSM4 IS_FSM3 IS_FSM2 IS_FSM1 Table 106. FSM_STATUS_A_MAINPAGE register description IS_FSM8 Interrupt status bit for FSM8 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM7 Interrupt status bit for FSM7 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM6 Interrupt status bit for FSM6 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM5 Interrupt status bit for FSM5 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM4 Interrupt status bit for FSM4 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM3 Interrupt status bit for FSM3 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM2 Interrupt status bit for FSM2 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM1 Interrupt status bit for FSM1 interrupt event. (1: interrupt detected; 0: no interrupt) LSM6DSO FSM_STATUS_A_MAINPAGE (36h) DS12140 - Rev 2 page 69/172 |