| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 172 page ![]() 6.4 Block diagram of filters Figure 15. Block diagram of filters ADC1 ADC2 Low Pass UI Gyro Low Pass OIS Gyro Low Pass OIS XL Regs array, FIFO interface Interrupt mng Auxiliary SPI Voltage and current references Trimming circuit and Test interface Clock and phase generator Power management FTP CS SCL/SPC SDA/SDI/SDO SDO/SA0 CS SPC_Aux SDI_Aux SDO_Aux INT1 INT2 M E M S S E N S O R Low Pass UI XL Gyro UI/OIS front-end XL UI/OIS front-end Temperature sensor Regs array Interrupt mng I2C/ /SPI MIPI I3CSM 6.4.1 Block diagrams of the accelerometer filters In the LSM6DSO, the filtering chain for the accelerometer part is composed of the following: • Analog filter (anti-aliasing) • Digital filter (LPF1) • Composite filter Details of the block diagram appear in the following figure. Figure 16. Accelerometer UI chain ADC Digital LP Filter Analog Anti-aliasing LP Filter ODR_XL[3:0] Composite Filter LPF1 LSM6DSO Block diagram of filters DS12140 - Rev 2 page 28/172 |