| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSO bảng dữ liệu(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSO bảng dữ liệu(HTML) 101 Page - STMicroelectronics |
|
101 / 172 page ![]() 11.14 FSM_STATUS_B (14h) Finite State Machine status register (r) Table 199. FSM_STATUS_B register IS_FSM16 IS_FSM15 IS_FSM14 IS_FSM13 IS_FSM12 IS_FSM11 IS_FSM10 IS_FSM9 Table 200. FSM_STATUS_B register description IS_FSM16 Interrupt status bit for FSM16 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM15 Interrupt status bit for FSM15 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM14 Interrupt status bit for FSM14 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM13 Interrupt status bit for FSM13 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM12 Interrupt status bit for FSM12 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM11 Interrupt status bit for FSM11 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM10 Interrupt status bit for FSM10 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM9 Interrupt status bit for FSM9 interrupt event. (1: interrupt detected; 0: no interrupt) LSM6DSO FSM_STATUS_B (14h) DS12140 - Rev 2 page 101/172 |