công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9305EP bảng dữ liệu(PDF) 91 Page - STMicroelectronics

tên linh kiện L9305EP
Giải thích chi tiết về linh kiện  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP bảng dữ liệu(HTML) 91 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 87Page - STMicroelectronics L9305EP Datasheet HTML 88Page - STMicroelectronics L9305EP Datasheet HTML 89Page - STMicroelectronics L9305EP Datasheet HTML 90Page - STMicroelectronics L9305EP Datasheet HTML 91Page - STMicroelectronics L9305EP Datasheet HTML 92Page - STMicroelectronics L9305EP Datasheet HTML 93Page - STMicroelectronics L9305EP Datasheet HTML 94Page - STMicroelectronics L9305EP Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package information
Figure 28. TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package outline
θ
θ2
θ3
θ1
BOTTOM VIEW
SECTION A-A
NOT TO SCALE
NOT TO SCALE
SECTION B-B
TOP VIEW
GADG3001181123PS
L9305
Package information
DS12774 - Rev 8
page 91/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More