công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9305EP bảng dữ liệu(PDF) 52 Page - STMicroelectronics

tên linh kiện L9305EP
Giải thích chi tiết về linh kiện  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP bảng dữ liệu(HTML) 52 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 48Page - STMicroelectronics L9305EP Datasheet HTML 49Page - STMicroelectronics L9305EP Datasheet HTML 50Page - STMicroelectronics L9305EP Datasheet HTML 51Page - STMicroelectronics L9305EP Datasheet HTML 52Page - STMicroelectronics L9305EP Datasheet HTML 53Page - STMicroelectronics L9305EP Datasheet HTML 54Page - STMicroelectronics L9305EP Datasheet HTML 55Page - STMicroelectronics L9305EP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
Figure 27. SPI timings, thresholds 20% to 80% and viceversa
CSN
SCLK
SDO
MSB
LSB
SDI
MSB
LSB
tsclch
thclcl
tclh
tcll
tsclcl
thclch
tpchdz
tscld thcld
tcsdv
tSDO-trans
tpcld
GADG2609181548PS
9.7
SPI registers map table
SPI frame has an 8-bit address field and 16-bit data field, then the available address space consists of up to
256 different registers. Taking into account the logical and physical partition of the functions to be configured and
monitored by SPI interface, the address space has been divided in pages of 32 addresses each.
The table below shows the SPI page vs. macro function distribution.
Table 39. SPI page address mapping
Page ID[binary]
Macro Function
Address Space Name
SPI Base Address
[hex]
[binary]
000
Solenoid Channel 0
Channel_0_BaseAddress
0x00
0000 0000
001
Solenoid Channel 1
Channel_1_BaseAddress
0x20
0010 0000
010
Solenoid Channel 2
Channel_2_BaseAddress
0x40
0100 0000
011
Solenoid Channel 3
Channel_3_BaseAddress
0x60
0110 0000
100
unused
---
0x80
1000 0000
101
unused
---
0xA0
1010 0000
110
Global
Global_BaseAddress
0xC0
1100 0000
111
Fault and Test
Fault_Test_BaseAddress
0xE0
1110 0000
9.8
Global page
Global page contains general control/monitor registers.
Table 40. SPI global page register address mapping
Idx [hex]
Register
0x00
Service enable
0x01
Solenoid drivers enable
0x02
Timeout SPI configuration
0x03
Fail safe pre-driver configuration
0x1F
Chip ID
L9305
SPI registers map table
DS12774 - Rev 8
page 52/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More