| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9305EP bảng dữ liệu(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305EP bảng dữ liệu(HTML) 79 Page - STMicroelectronics |
|
79 / 107 page ![]() DITHPGM2 Dither programming 2 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 R RW R RW Address: Channel_X_BaseAddress + 0x05 Type: RW Reset: 0x028A Description: Dither Generator Configuration [15:13] Unused [12:8] Nstep: Number of steps in a quarter of dither period [7:6] Unused [5:0] Tstep: Number of PWM cycles for each dither step SETPOINT Current set point 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RW R RW Address: Channel_X_BaseAddress + 0x06 Type: RW Reset: 0x0000 Description: Register stores current setpoint code (HW mode current control). Current Control SETPOINT is coded into 13 bits. Current value depends on HILOAD bit. [15] Auto Limit: Activates the transient mode on set point change 0: Inactive 1: Active [14:13] Unused [12:0] Current Set Point Code L9305 Channel page registers DS12774 - Rev 8 page 79/107 |