| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422 bảng dữ liệu(PDF) 141 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 bảng dữ liệu(HTML) 141 Page - STMicroelectronics |
|
141 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) UPSD3422, UPSD3433, UPSD3434, UPSD3454 I2C interface 141/300 Does status.TX_MODE = 1? If Yes, Master wants transmit mode – Exit ISR, indicate Master wants Slv-Xmit mode If No, Master wants Slave-Recv mode – dummy = S1DAT, read to release bus – Exit ISR, ready to recv data on next interrupt C: (Interrupt is from Slv receiving data from Mastr) – recv_buf[buffer_index] = S1DAT, read byte – Exit ISR, recv next byte on next interrupt Obsolete Product(s) - Obsolete Product(s) |