công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPSD3422 bảng dữ liệu(PDF) 46 Page - STMicroelectronics

tên linh kiện UPSD3422
Giải thích chi tiết về linh kiện  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 bảng dữ liệu(HTML) 46 Page - STMicroelectronics

Back Button UPSD3422_V01 Datasheet HTML 42Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 43Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 44Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 45Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 46Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 47Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 48Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 49Page - STMicroelectronics UPSD3422_V01 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Special function registers (SFR)
UPSD3422, UPSD3433, UPSD3434, UPSD3454
46/300
DD
S1STA
GC
STOP
INTR
TX_MD B_BUSY B_LOST ACK_R
SLV
00
Table 78
DE
S1DAT
S1DAT[7:0]
00
Table 80
DF
S1ADR
S1ADR[7:0]
00
Table 82
E0(1)
A
A[7:0]
<bit addresses: E7h, E6h, E5h, E4h, E3h, E2h, E1h, E0h>
00
Section 7.4
E1
RESERVED
E2
UADDR
–
USBADDR[6:0]
00
E3
UPAIR
–
–
–
–
PR3OU
T
PR1OUT PR3IN
PR1IN
00
E4
UIE0
–
–
–
–
RSTIE
SUSPND
IE
EOPIE
RES
UMIE
00
E5
UIE1
–
–
–
IN4IE
IN3IE
IN2IE
IN1IE
IN0IE
00
E6
UIE2
–
–
–
OUT4IE OUT3IE OUT2IE OUT1IE OUT0IE
00
E7
UIE3
–
–
–
NAK4IE NAK3IE NAK2IE NAK1IE NAK0IE
00
E8
UIF0
GLF
INF
OUTF
NAKF
RSTF
SUSPND
F
EOPF
RESUM
F
00
E9
UIF1
–
–
–
IN4F
IN3F
IN2F
IN1F
IN0F
00
EA
UIF2
–
–
–
OUT4F
OUT3F
OUT2F
OUT1F OUT0F
00
EB
UIF3
–
–
–
NAK4F
NAK3F
NAK2F
NAK1F NAK0F
00
EC
UCTL
–
–
–
–
–
USBEN
VISIBL
E
WAKEU
P
00
ED
USTA
–
–
–
–
RCVT
SETUP
IN
OUT
00
EE
RESERVED
EF
USEL
DIR
–
–
–
–
EP[2:0]
00
F0(1)
B
B[7:0]
<bit addresses: F7h, F6h, F5h, F4h, F3h, F2h, F1h, F0h>
00
Section 7.5
F1
UCON
–
–
–
–
ENABLE
STALL
TOGGL
E
BSY
08
F2
USIZE
–
SIZE[6:0]
00
F3
UBASEH
BASEADDR[15:8]
00
F4
UBASEL
BASEADDR[7:6]
0
0
0
0
0
0
00
F5
USCI
–
–
–
–
–
USCI[2:0]
00
F6
USCV
USCV[7:0]
00
F7
RESERVED
F8
RESERVED
Table 5.
SFR memory map with direct address and reset value (continued)
SFR
addr
(hex)
SFR
name
Bit name and <bit address>
Reset
value
(hex)
Reg.
descr.
with link
76
5
4
3
2
1
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More