| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD3422 bảng dữ liệu(PDF) 138 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 bảng dữ liệu(HTML) 138 Page - STMicroelectronics |
|
138 / 300 page ![]() Obsolete Product(s) - Obsolete Product(s) Obsolete Product(s) - Obsolete Product(s) I2C interface UPSD3422, UPSD3433, UPSD3434, UPSD3454 138/300 23.13.1 Interrupt service routine (ISR) A typical I2C interrupt service routine would handle a interrupt for any of the four combinations of Master/Slave and Transmitter/Receiver. In the example routines above, the firmware sets global variables, I2C_master and I2C_xmitter, before enabling interrupts. These flags tell the ISR which one of the four cases to process. Following is pseudo-code for high-level steps in the I2C ISR: Begin I2C ISR <I2C interrupt just occurred>: Clear I2C interrupt flag: – S1STA.INTR = 0 Read status of SIOE, put in to variable, status – status = S1STA Read global variables that determine the mode – mode <= (I2C_master, I2C_slave) If mode is Master-Transmitter Bus Arbitration lost? (status.BLOST=1?) If Yes, Arbitration was lost: – S1DAT = dummy, write to release bus – Exit ISR, SIOE will switch to Slave Recv mode If No, Arbitration was not lost, continue: ACK recvd from Slave? (status.ACK_RESP=0?) If No, an ACK was not received: – S1CON.STO = 1, set Stop bus condition – <Stop occurs after ISR exit> – S1DAT = dummy, write to release bus – Exit ISR If Yes, ACK was received, then continue: – S1DAT = xmit_buf[buffer_index], transmit byte Was that the last byte of data to transmit? If No, it was not the last byte, then: – Exit ISR, transmit next byte on next interrupt If Yes, it was the last byte, then: – S1CON.STO = 1, set Stop bus condition <Stop occurs after ISR exit> – S1DAT = dummy, write to release bus – Exit ISR Obsolete Product(s) - Obsolete Product(s) |