công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST39VF010 bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện SST39VF010
Giải thích chi tiết về linh kiện  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF010 bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button SST39VF010 Datasheet HTML 9Page - Microchip Technology SST39VF010 Datasheet HTML 10Page - Microchip Technology SST39VF010 Datasheet HTML 11Page - Microchip Technology SST39VF010 Datasheet HTML 12Page - Microchip Technology SST39VF010 Datasheet HTML 13Page - Microchip Technology SST39VF010 Datasheet HTML 14Page - Microchip Technology SST39VF010 Datasheet HTML 15Page - Microchip Technology SST39VF010 Datasheet HTML 16Page - Microchip Technology SST39VF010 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
13
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
AC Characteristics
Table 12: Read Cycle Timing Parameters - VDD = 3.0-3.6V for SST39LF010/020/040 and
2.7-3.6V for SST39VF010/020/040
Symbol
Parameter
SST39LF010-55
SST39LF020-55
SST39LF040-55
SST39VF010-70
SST39VF020-70
SST39VF040-70
Units
Min
Max
Min
Max
TRC
Read Cycle Time
55
70
ns
TCE
Chip Enable Access Time
55
70
ns
TAA
Address Access Time
55
70
ns
TOE
Output Enable Access Time
30
35
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
CE# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TCHZ1
CE# High to High-Z Output
15
25
ns
TOHZ1
OE# High to High-Z Output
15
25
ns
TOH1
Output Hold from Address Change
00
ns
T12.2 25023
Table 13: Program/Erase Cycle Timing Parameters
Symbol
Parameter
Min
Max
Units
TBP
Byte-Program Time
20
µs
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
30
ns
TCS
WE# and CE# Setup Time
0
ns
TCH
WE# and CE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
10
ns
TCP
CE# Pulse Width
40
ns
TWP
WE# Pulse Width
40
ns
TWPH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
WE# Pulse Width High
30
ns
TCPH1
CE# Pulse Width High
30
ns
TDS
Data Setup Time
40
ns
TDH1
Data Hold Time
0
ns
TIDA1
Software ID Access and Exit Time
150
ns
TSE
Sector-Erase
25
ms
TSCE
Chip-Erase
100
ms
T13.1 25023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com