công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST39VF010 bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện SST39VF010
Giải thích chi tiết về linh kiện  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF010 bảng dữ liệu(HTML) 5 Page - Microchip Technology

  SST39VF010 Datasheet HTML 1Page - Microchip Technology SST39VF010 Datasheet HTML 2Page - Microchip Technology SST39VF010 Datasheet HTML 3Page - Microchip Technology SST39VF010 Datasheet HTML 4Page - Microchip Technology SST39VF010 Datasheet HTML 5Page - Microchip Technology SST39VF010 Datasheet HTML 6Page - Microchip Technology SST39VF010 Datasheet HTML 7Page - Microchip Technology SST39VF010 Datasheet HTML 8Page - Microchip Technology SST39VF010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
5
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Figure 3: Pin Assignments for 32-lead TSOP (8mm x 14mm)
Table 1: Pin Description
Symbol
Pin Name
Functions
AMS1-A0
1. AMS = Most significant address
AMS = A16 for SST39LF/VF010, A17 for SST39LF/VF020, and A18 for SST39LF/VF040
Address Inputs
To provide memory addresses. During Sector-Erase AMS-A12 address lines will
select the sector. During Block-Erase AMS-A16 address lines will select the block.
DQ7-DQ0 Data Input/output To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage:
3.0-3.6V for SST39LF010/020/040
2.7-3.6V for SST39VF010/020/040
VSS
Ground
NC
No Connection
Unconnected pins.
T1.1 25023
A11
A9
A8
A13
A14
NC
WE#
VDD
NC
A16
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
A17
WE#
VDD
NC
A16
A15
A12
A7
A6
A5
A4
A11
A9
A8
A13
A14
A17
WE#
VDD
A18
A16
A15
A12
A7
A6
A5
A4
SST39LF/VF010
SST39LF/VF020
SST39LF/VF040
SST39LF/VF010 SST39LF/VF020 SST39LF/VF040
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1150 32-tsop WH P1.1
Standard Pinout
Top View
Die Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com