công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST39VF010 bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện SST39VF010
Giải thích chi tiết về linh kiện  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39VF010 bảng dữ liệu(HTML) 1 Page - Microchip Technology

  SST39VF010 Datasheet HTML 1Page - Microchip Technology SST39VF010 Datasheet HTML 2Page - Microchip Technology SST39VF010 Datasheet HTML 3Page - Microchip Technology SST39VF010 Datasheet HTML 4Page - Microchip Technology SST39VF010 Datasheet HTML 5Page - Microchip Technology SST39VF010 Datasheet HTML 6Page - Microchip Technology SST39VF010 Datasheet HTML 7Page - Microchip Technology SST39VF010 Datasheet HTML 8Page - Microchip Technology SST39VF010 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
Data Sheet
www.microchip.com
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Features
• Organized as 128K x8 / 256K x8 / 512K x8
• Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF010/020/040
– 2.7-3.6V for SST39VF010/020/040
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption
(typical values at 14 MHz)
– Active Current: 5 mA (typical)
– Standby Current: 1 µA (typical)
• Sector-Erase Capability
– Uniform 4 KByte sectors
• Fast Read Access Time:
– 55 ns for SST39LF010/020/040
– 70 ns for SST39VF010/020/040
• Latched Address and Data
• Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
2 seconds (typical) for SST39LF/VF010
4 seconds (typical) for SST39LF/VF020
8 seconds (typical) for SST39LF/VF040
• Automatic Write Timing
– Internal VPP Generation
• End-of-Write Detection
– Toggle Bit
– Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pinouts and command sets
• Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
• All devices are RoHS compliant
The SST39LF010, SST39LF020, SST39LF040 and SST39VF010, SST39VF020,
SST39VF040 are 128K x8, 256K x8 and 5124K x8 CMOS Multi-Purpose Flash
(MPF) manufactured with SST’s proprietary, high performance CMOS SuperFlash
technology. The split-gate cell design and thick-oxide tunneling injector attain bet-
ter reliability and manufacturability compared with alternate approaches. The
SST39LF010/020/040 devices write (Program or Erase) with a 3.0-3.6V power
supply. The SST39VF010/020/040 devices write with a 2.7-3.6V power supply.
The devices conform to JEDEC standard pinouts for x8 memories.


Số phần tương tự - SST39VF010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST39VF010 SST-SST39VF010 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF010 SST-SST39VF010 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF010 SST-SST39VF010 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF010-45-4C-B3H SST-SST39VF010-45-4C-B3H Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF010-45-4C-B3K SST-SST39VF010-45-4C-B3K Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results

Mô tả tương tự - SST39VF010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com